Part Number Hot Search : 
OV7411P 5262B 4920M KP120 TC74AC TFHD6 56F80 GBPC50
Product Description
Full Text Search
 

To Download MMSZ9V1T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ2V4T1 Series Zener Voltage Regulators
500 mW SOD-123 Surface Mount
Three complete series of Zener diodes are offered in the convenient, surface mount plastic SOD-123 package. These devices provide a convenient alternative to the leadless 34-package style.
Features
http://onsemi.com
* * * * * *
500 mW Rating on FR-4 or FR-5 Board Wide Zener Reverse Voltage Range - 2.4 V to 56 V Package Designed for Optimal Automated Board Assembly Small Package Size for High Density Applications ESD Rating of Class 3 (>16 kV) per Human Body Model Pb-Free Packages are Available
1 Cathode
2 Anode
2 1 SOD-123 CASE 425 STYLE 1
Mechanical Characteristics CASE: Void-free, transfer-molded, thermosetting plastic case FINISH: Corrosion resistant finish, easily Solderable MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260C for 10 Seconds
POLARITY: Cathode indicated by polarity band FLAMMABILITY RATING: UL 94 V-0
MARKING DIAGRAM MAXIMUM RATINGS
Rating Total Power Dissipation on FR-5 Board, (Note 1) @ TL = 75C Derated above 75C Thermal Resistance, Junction-to-Ambient (Note 2) Thermal Resistance, Junction-to-Lead (Note 2) Junction and Storage Temperature Range Symbol PD 500 6.7 RqJA RqJL TJ, Tstg 340 150 -55 to +150 mW mW/C C/W C/W C xx = Device Code M = Date Code G = Pb-Free Package (Note: Microdot may be in either location) Max Unit 1 xx M G G
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. FR-5 = 3.5 X 1.5 inches. 2. Thermal Resistance measurement obtained via infrared Scan Method.
ORDERING INFORMATION
Device MMSZxxxT1 Package SOD-123 (Pb-Free) SOD-123 (Pb-Free) Shipping 3000/Tape & Reel
MMSZxxxT3
10,000/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
DEVICE MARKING INFORMATION
See specific marking information in the device marking column of the Electrical Characteristics table on page 3 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2006
1
Juanuary, 2006 - Rev. 9
Publication Order Number: MMSZ2V4T1/D
MMSZ2V4T1 Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 0.95 V Max. @ IF = 10 mA)
Symbol VZ IZT ZZT IR VR IF VF Parameter Reverse Zener Voltage @ IZT Reverse Current Maximum Zener Impedance @ IZT Reverse Leakage Current @ VR Reverse Voltage Forward Current Forward Voltage @ IF VZ VR IR VF IZT V I IF
Zener Voltage Regulator
http://onsemi.com
2
MMSZ2V4T1 Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
VZ1 (Volts) (Notes 3 and 4) Device Marking T1 T2 T3 T4 T5 U1 U2 U3 U4 U5 V1 V2 V3 V4 V5 A1 A2 A3 A4 A5 X1 X2 X3 X4 X5 @ IZT1 = 5 mA Min 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 Nom 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 Max 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 W 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 Min 1.7 1.9 2.1 2.3 2.7 2.9 3.3 3.7 4.2 4.8 5.6 6.3 6.9 7.6 8.4 9.3 10.2 11.2 12.3 13.7 15.2 16.7 18.7 20.7 22.7 ZZT1 (Note 5) VZ2 (Volts) (Notes 3 and 4) @ IZT2 = 1 mA Max 2.1 2.4 2.7 2.9 3.3 3.5 4.0 4.7 5.3 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.0 15.5 17.0 19.0 21.1 23.2 25.5 W 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 ZZT2 (Note 5) Max Reverse Leakage Current IR @ VR mA 50 20 10 5 5 3 3 3 2 1 3 2 1 0.7 0.5 0.2 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 Volts 1 1 1 1 1 1 1 2 2 2 4 4 5 5 6 7 8 8 8 10.5 11.2 12.6 14 15.4 16.8
Device MMSZ2V4T1 MMSZ2V7T1 MMSZ3V0T1* MMSZ3V3T1 MMSZ3V6T1 MMSZ3V9T1 MMSZ4V3T1 MMSZ4V7T1 MMSZ5V1T1 MMSZ5V6T1* MMSZ6V2T1* MMSZ6V8T1 MMSZ7V5T1 MMSZ8V2T1 MMSZ9V1T1 MMSZ10T1 MMSZ11T1 MMSZ12T1 MMSZ13T1 MMSZ15T1 MMSZ16T1 MMSZ18T1 MMSZ20T1 MMSZ22T1 MMSZ24T1
3. The type numbers shown have a standard tolerance of 5% on the nominal Zener Voltage. 4. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1 ms. 5. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) = 0.1 IZ(DC), with the AC frequency = 1 kHz. The "G" suffix indicates Pb-Free package available. *Not Available in the 10,000/Tape & Reel.
http://onsemi.com
3
MMSZ2V4T1 Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
VZ1 (Volts) (Notes 6 and 7) @ IZT1 = 2 mA Min 25.65 28.50 31.35 34.20 37.05 40.85 44.65 48.45 53.20 Nom 27 30 33 36 39 43 47 51 56 Max 28.35 31.50 34.65 37.80 40.95 45.15 49.35 53.55 58.80 W 80 80 80 90 130 150 170 180 200 ZZT1 (Note 8) VZ2 (Volts) (Notes 6 and 7) @ IZT2 = 0.1 mA Min 25 27.8 30.8 33.8 36.7 39.7 43.7 47.6 51.5 Max 28.9 32 35 38 41 46 50 54 60 ZZT2 (Note 8) @ IZT2 = 0.5 mA W 300 300 325 350 350 375 375 400 425 Max Reverse Leakage Current IR @ VR mA 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 Volts 18.9 21 23.1 25.2 27.3 30.1 32.9 35.7 39.2
Device MMSZ27T1 MMSZ30T1* MMSZ33T1 MMSZ36T1* MMSZ39T1* MMSZ43T1* MMSZ47T1 MMSZ51T1* MMSZ56T1
Device Marking Y1 Y2 Y3 Y4 Y5 Z1 Z2 Z3 Z4
6. The type numbers shown have a standard tolerance of 5% on the nominal Zener Voltage. 7. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1 ms. 8. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) = 0.1 IZ(DC), with the AC frequency = 1 kHz. The "G" suffix indicates Pb-Free package available. *Not Available in the 10,000/Tape & Reel.
http://onsemi.com
4
MMSZ2V4T1 Series
TYPICAL CHARACTERISTICS
VZ , TEMPERATURE COEFFICIENT (mV/ C) VZ , TEMPERATURE COEFFICIENT (mV/ C)
8 7 6 5 4 3 2 1 0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12 VZ @ IZT TYPICAL TC VALUES FOR MMSZ2V4T1 SERIES 100 TYPICAL TC VALUES FOR MMSZ2V4T1 SERIES
VZ @ IZT 10
1 10 100
VZ, NOMINAL ZENER VOLTAGE (V)
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 1. Temperature Coefficients (Temperature Range - 55C to +150C)
Figure 2. Temperature Coefficients (Temperature Range - 55C to +150C)
1.2
1000
Ppk , PEAK SURGE POWER (WATTS)
1.0
RECTANGULAR WAVEFORM, TA = 25C 100
0.8
PD versus TL
0.6
PD versus TA
0.4
10
0.2
0 0 25 50 75 100 125 150
1 0.1 1 10 100 1000
T, TEMPERATURE (C)
PW, PULSE WIDTH (ms)
Figure 3. Steady State Power Derating
Figure 4. Maximum Nonrepetitive Surge Power
1000 TJ = 25C IZ(AC) = 0.1 IZ(DC) f = 1 kHz IZ = 1 mA 100 5 mA
1000 75 V (MMSZ5267BT1) 91 V (MMSZ5270BT1)
Z ZT, DYNAMIC IMPEDANCE ( )
IF, FORWARD CURRENT (mA)
100
20 mA 10
10
150C 1 1 10 100 1 0.4 0.5
75C 0.6
25C 0.7
0C 0.8 0.9 1.0 1.1 1.2
VZ, NOMINAL ZENER VOLTAGE
VF, FORWARD VOLTAGE (V)
Figure 5. Effect of Zener Voltage on Zener Impedance
Figure 6. Typical Forward Voltage
http://onsemi.com
5
MMSZ2V4T1 Series
TYPICAL CHARACTERISTICS
1000 TA = 25C 0 V BIAS 1 V BIAS 1000
I R , LEAKAGE CURRENT (A)
100 10 1 0.1 0.01 + 25C - 55C +150C
C, CAPACITANCE (pF)
100
BIAS AT 50% OF VZ NOM 10
0.001 0.0001 1 1 10 0.00001 100
0
10
20
30
40
50
60
70
80
90
VZ, NOMINAL ZENER VOLTAGE (V)
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 7. Typical Capacitance
Figure 8. Typical Leakage Current
100 TA = 25C
100 TA = 25C
I Z , ZENER CURRENT (mA)
I Z , ZENER CURRENT (mA)
10
10
1
1
0.1
0.1
0.01
0
2
4
6
8
10
12
0.01
10
30
50
70
90
VZ, ZENER VOLTAGE (V)
VZ, ZENER VOLTAGE (V)
Figure 9. Zener Voltage versus Zener Current (VZ Up to 12 V)
Figure 10. Zener Voltage versus Zener Current (12 V to 91 V)
http://onsemi.com
6
MMSZ2V4T1 Series
PACKAGE DIMENSIONS
SOD-123 CASE 425-04 ISSUE E
D
A A1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A A1 b c D E HE L MILLIMETERS MIN NOM MAX 0.94 1.17 1.35 0.00 0.05 0.10 0.51 0.61 0.71 --- --- 0.15 1.40 1.60 1.80 2.54 2.69 2.84 3.56 3.68 3.86 --- --- 0.25 MIN 0.037 0.000 0.020 --- 0.055 0.100 0.140 0.010 INCHES NOM 0.046 0.002 0.024 --- 0.063 0.106 0.145 --- MAX 0.053 0.004 0.028 0.006 0.071 0.112 0.152 ---
1
HE
2.36 0.093 4.19 0.165
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
7
EE EE EE
EE EE EE
AAAA AAAA
2
E
L C
STYLE 1: PIN 1. CATHODE 2. ANODE
b
SOLDERING FOOTPRINT*
0.91 0.036 1.22 0.048
SCALE 10:1
mm inches
MMSZ2V4T1/D


▲Up To Search▲   

 
Price & Availability of MMSZ9V1T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X